Part Number Hot Search : 
30MD61 CRB32E1 LTC4065L 2SA854S 30P124 245W042 GM9015 WRB1215
Product Description
Full Text Search
 

To Download B41890A7108M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  aluminum electrolytic capacitors single-ended capacitors series/type: b41890 date: october 2015 ? epcos ag 2015. reproduction, publication and dissemination of this publication, enclosures hereto and the information contained therein without epcos' prior express consent is prohibited. epcos ag is a tdk group company.
long-life grade capacitors applications high-reliability equipment in industrial electronics features extra long useful life (10000 to 15000 h/105 c) high reliability high ripple current capability rohs-compatible construction charge-discharge proof, polar aluminum case with insulating sleeve minus pole marking on the insulating sleeve case with safety vent delivery mode terminal configurations and packing: bulk taped, ammo pack cut kinked papr (protection against polarity reversal): crimped leads, j leads, bent leads refer to chapter "single-ended capacitors  taping, packing and lead configurations" for further details. single-ended capacitors b41890 extended useful life  105 c page 2 of 29 please read cautions and warnings and important notes at the end of this document.
1) refer to chapter "general technical information, 5 useful life" on how to interpret useful life. specifications and characteristics in brief rated voltage v r 16 ... 50 v dc surge voltage v s 1.15  v r rated capacitance c r 100 ... 6800 f capacitance tolerance 20%  m dissipation factor tan d (20 c, 120 hz) for capacitance higher than 1000 f add 0.02 for every increase of 1000 f. v r (v dc) 16 ... 25 35 50 tan d (max.) 0.17 0.12 0.10 leakage current i leak (20 c, 5 min) or 3 a, whichever is greater self-inductance esl diameter (mm) 10 ... 12.5 16 18 esl (nh) 20 26 34 useful life 1) 105 c; v r ; i ac,r > 10000 h for ? = 10 mm > 15000 h for ? 3 12.5 mm requirements  d c/c  35% of initial value tan d 3 times initial specified limit i leak initial specified limit voltage endurance test 105 c; v r 10000 h for ? = 10 mm 15000 h for ? 3 12.5 mm post test requirements  d c/c  30% of initial value tan d 2 times initial specified limit i leak initial specified limit vibration resistance test to iec 60068-2-6, test fc: frequency range 10 hz ? 2 khz, displacement amplitude max. 1.5 mm, acceleration max. 20 g , duration 3 2 h. capacitor rigidly clamped by the aluminum case. iec climatic category to iec 60068-1: 55/105/56 (  55 c/+105 c/56 days damp heat test) sectional specification iec 60384-4 b41890 extended useful life  105 c page 3 of 29 please read cautions and warnings and important notes at the end of this document.
dimensional drawing with stand-off rubber seal diameters (mm): 10, 12.5, 16, 18 dimensions and weights dimensions (mm) approx. weight d +0.5 l a 0.5 b g 10 20 +2.0 5.0 0.60 0.05 2.6 12.5 20 +2.0 5.0 0.60 0.05 3.6 12.5 25 +2.0 5.0 0.60 0.05 4.5 12.5 30 +2.0 5.0 0.80 0.05 5.3 12.5 40 +2.0 5.0 0.80 0.05 7.4 16 20 +2.0 7.5 0.80 0.05 5.5 16 25 +2.0 7.5 0.80 0.05 7.5 16 31.5 +2.0 7.5 0.80 0.05 7.8 18 20 +2.0 7.5 0.80 0.1 8.0 18 25 +2.0 7.5 0.80 0.1 9.0 18 31.5 +2.0 7.5 0.80 0.1 11.0 18 35 +2.0 7.5 0.80 0.1 13.0 18 40 +2.0 7.5 0.80 0.1 16.0 b41890 extended useful life  105 c page 4 of 29 please read cautions and warnings and important notes at the end of this document.
overview of available types v r (v dc) 16 25 35 50 case dimensions d l (mm) c r ( m f) 100 10 20 10 20 180 10 20 220 10 20 10 20 270 10 20 12.5 20 330 10 20 12.5 20 390 12.5 20 12.5 25 470 10 20 12.5 20 12.5 25 16 20 560 10 20 12.5 25 16 20 680 10 20 12.5 25 16 25 18 20 820 10 20 12.5 20 16 20 16 31.5 1000 12.5 20 12.5 25 16 20 12.5 40 16 25 18 20 16 31.5 1200 12.5 20 12.5 25 16 25 18 20 18 31.5 1500 12.5 25 16 20 16 31.5 18 35 1800 12.5 25 12.5 40 16 25 18 20 18 31.5 18 40 2200 12.5 30 16 20 16 31.5 18 25 18 35 2700 16 25 18 20 16 31.5 18 40 3300 16 31.5 18 31.5 3900 16 31.5 18 35 4700 18 31.5 18 40 5600 18 35 6800 18 40 other voltage and capacitance ratings are available upon request. b41890 extended useful life  105 c page 5 of 29 please read cautions and warnings and important notes at the end of this document.
technical data and ordering codes c r 120 hz 20 c m f case dimensions d l mm esr max 10 khz  40 c w esr max 10 khz 20 c w z max 100 khz 20 c w i ac,r 100 khz 105 c ma ordering code (composition see below) composition of ordering code *** = version 000 = for standard leads, bulk 001 = for kinked leads, bulk (for d l = 10 20 ... 12.5 25 mm and ? 16 ... 18 mm) 002 = for cut leads, bulk (for d l = 10 20 ... 12.5 25 mm and ? 16 ... 18 mm) 003 = for crimped leads, blister (for ? 16 ... 18 mm) 004 = for j leads, blister (for ? 10 ... 18 mm, excluding d l = 12.5 30/40 and 18 40 mm) 008 = for taped leads, ammo pack, lead spacing f = 5.0 mm (for d l = 10 20 ... 12.5 25 mm) 009 = for taped leads, ammo pack, lead spacing f = 7.5 mm (for ? 16 mm and d l = 18 20 ... 18 31.5 mm) 012 = for bent 90 leads, blister (for ? 16 ... 18 mm) v r = 16 v dc 820 10 20 0.595 0.074 0.062 1205 b41890a4827m*** 1000 12.5 20 0.528 0.066 0.055 1820 b41890a4108m*** 1200 12.5 20 0.528 0.066 0.055 1820 b41890a4128m*** 1500 12.5 25 0.365 0.046 0.038 2280 b41890a4158m*** 1800 12.5 25 0.365 0.046 0.038 2280 b41890a4188m*** 2200 12.5 30 0.298 0.037 0.031 2860 b41890a4228m*** 2200 16 20 0.365 0.046 0.038 2280 b41890b4228m*** 2700 16 25 0.288 0.036 0.030 2860 b41890a4278m*** 2700 18 20 0.336 0.042 0.035 2490 b41890b4278m*** 3300 16 31.5 0.240 0.030 0.025 3160 b41890a4338m*** 3900 16 31.5 0.240 0.030 0.025 3160 b41890a4398m*** 4700 18 31.5 0.230 0.029 0.024 3500 b41890a4478m*** 5600 18 35 0.211 0.026 0.022 3840 b41890a4568m*** 6800 18 40 0.173 0.022 0.018 4230 b41890a4688m*** b41890 extended useful life  105 c page 6 of 29 please read cautions and warnings and important notes at the end of this document.
technical data and ordering codes c r 120 hz 20 c m f case dimensions d l mm esr max 10 khz  40 c w esr max 10 khz 20 c w z max 100 khz 20 c w i ac,r 100 khz 105 c ma ordering code (composition see below) composition of ordering code *** = version 000 = for standard leads, bulk 001 = for kinked leads, bulk (for d l = 10 20 ... 12.5 25 mm and ? 16 ... 18 mm) 002 = for cut leads, bulk (for d l = 10 20 ... 12.5 25 mm and ? 16 ... 18 mm) 003 = for crimped leads, blister (for ? 16 ... 18 mm) 004 = for j leads, blister (for ? 10 ... 18 mm, excluding d l = 12.5 30/40 and 18 40 mm) 008 = for taped leads, ammo pack, lead spacing f = 5.0 mm (for d l = 10 20 ... 12.5 25 mm) 009 = for taped leads, ammo pack, lead spacing f = 7.5 mm (for ? 16 mm and d l = 18 20 ... 18 31.5 mm) 012 = for bent 90 leads, blister (for ? 16 ... 18 mm) v r = 25 v dc 470 10 20 0.595 0.074 0.062 1205 b41890a5477m*** 560 10 20 0.595 0.074 0.062 1205 b41890a5567m*** 680 10 20 0.595 0.074 0.062 1205 b41890a5687m*** 820 12.5 20 0.528 0.066 0.055 1820 b41890a5827m*** 1000 12.5 25 0.365 0.046 0.038 2280 b41890a5108m*** 1000 16 20 0.365 0.046 0.038 2280 b41890b5108m*** 1200 12.5 25 0.365 0.046 0.038 2280 b41890a5128m*** 1500 16 20 0.365 0.046 0.038 2280 b41890a5158m*** 1800 12.5 40 0.250 0.031 0.026 3340 b41890a5188m*** 1800 16 25 0.288 0.036 0.030 2860 b41890b5188m*** 1800 18 20 0.336 0.042 0.035 2490 b41890c5188m*** 2200 16 31.5 0.240 0.030 0.025 3160 b41890a5228m*** 2200 18 25 0.269 0.034 0.028 3010 b41890b5228m*** 2700 16 31.5 0.240 0.030 0.025 3160 b41890a5278m*** 3300 18 31.5 0.230 0.029 0.024 3500 b41890a5338m*** 3900 18 35 0.211 0.026 0.022 3840 b41890a5398m*** 4700 18 40 0.173 0.022 0.018 4230 b41890a5478m*** b41890 extended useful life  105 c page 7 of 29 please read cautions and warnings and important notes at the end of this document.
technical data and ordering codes c r 120 hz 20 c m f case dimensions d l mm esr max 10 khz  40 c w esr max 10 khz 20 c w z max 100 khz 20 c w i ac,r 100 khz 105 c ma ordering code (composition see below) composition of ordering code *** = version 000 = for standard leads, bulk 001 = for kinked leads, bulk (for d l = 10 20 ... 12.5 25 mm and ? 16 ... 18 mm) 002 = for cut leads, bulk (for d l = 10 20 ... 12.5 25 mm and ? 16 ... 18 mm) 003 = for crimped leads, blister (for ? 16 ... 18 mm) 004 = for j leads, blister (for ? 10 ... 18 mm, excluding d l = 12.5 30/40 and 18 40 mm) 008 = for taped leads, ammo pack, lead spacing f = 5.0 mm (for d l = 10 20 ... 12.5 25 mm) 009 = for taped leads, ammo pack, lead spacing f = 7.5 mm (for ? 16 mm and d l = 18 20 ... 18 31.5 mm) 012 = for bent 90 leads, blister (for ? 16 ... 18 mm) v r = 35 v dc 100 10 20 0.592 0.074 0.062 1205 b41890b7107m*** 220 10 20 0.592 0.074 0.062 1205 b41890b7227m*** 270 10 20 0.595 0.074 0.062 1205 b41890a7277m*** 330 10 20 0.595 0.074 0.062 1205 b41890a7337m*** 390 12.5 20 0.528 0.066 0.055 1820 b41890a7397m*** 470 12.5 20 0.528 0.066 0.055 1820 b41890a7477m*** 560 12.5 25 0.365 0.046 0.038 2280 b41890a7567m*** 680 12.5 25 0.365 0.046 0.038 2280 b41890a7687m*** 820 16 20 0.365 0.046 0.038 2280 b41890a7827m*** 1000 12.5 40 0.250 0.031 0.026 3340 B41890A7108M*** 1000 16 25 0.288 0.036 0.030 2860 b41890b7108m*** 1000 18 20 0.336 0.042 0.035 2490 b41890c7108m*** 1200 16 25 0.288 0.036 0.030 2860 b41890a7128m*** 1200 18 20 0.336 0.042 0.035 2490 b41890b7128m*** 1500 16 31.5 0.240 0.030 0.025 3160 b41890a7158m*** 1800 18 31.5 0.230 0.029 0.024 3500 b41890a7188m*** 2200 18 35 0.211 0.026 0.022 3840 b41890a7228m*** 2700 18 40 0.173 0.022 0.018 4230 b41890a7278m*** b41890 extended useful life  105 c page 8 of 29 please read cautions and warnings and important notes at the end of this document.
technical data and ordering codes c r 120 hz 20 c m f case dimensions d l mm esr max 10 khz  40 c w esr max 10 khz 20 c w z max 100 khz 20 c w i ac,r 100 khz 105 c ma ordering code (composition see below) composition of ordering code *** = version 000 = for standard leads, bulk 001 = for kinked leads, bulk (for d l = 10 20 ... 12.5 25 mm and ? 16 ... 18 mm) 002 = for cut leads, bulk (for d l = 10 20 ... 12.5 25 mm and ? 16 ... 18 mm) 003 = for crimped leads, blister (for ? 16 ... 18 mm) 004 = for j leads, blister (for ? 10 ... 18 mm, excluding d l = 12.5 30/40 and 18 40 mm) 008 = for taped leads, ammo pack, lead spacing f = 5.0 mm (for d l = 10 20 ... 12.5 25 mm) 009 = for taped leads, ammo pack, lead spacing f = 7.5 mm (for ? 16 mm and d l = 18 20 ... 18 31.5 mm) 012 = for bent 90 leads, blister (for ? 16 ... 18 mm) v r = 50 v dc 100 10 20 0.592 0.074 0.062 1205 b41890b6107m*** 180 10 20 0.672 0.084 0.070 1205 b41890a6187m*** 220 10 20 0.672 0.084 0.070 1205 b41890a6227m*** 270 12.5 20 0.576 0.072 0.060 1820 b41890a6277m*** 330 12.5 20 0.576 0.072 0.060 1820 b41890a6337m*** 390 12.5 25 0.413 0.052 0.043 2280 b41890a6397m*** 470 12.5 25 0.413 0.050 0.043 2280 b41890a6477m*** 470 16 20 0.403 0.052 0.042 2280 b41890b6477m*** 560 16 20 0.403 0.050 0.042 2280 b41890a6567m*** 680 16 25 0.326 0.041 0.034 2860 b41890a6687m*** 680 18 20 0.365 0.046 0.038 2490 b41890b6687m*** 820 16 31.5 0.269 0.034 0.028 3160 b41890a6827m*** 1000 16 31.5 0.269 0.034 0.028 3160 b41890a6108m*** 1200 18 31.5 0.259 0.032 0.027 3500 b41890a6128m*** 1500 18 35 0.240 0.030 0.025 3840 b41890a6158m*** 1800 18 40 0.192 0.024 0.020 4230 b41890a6188m*** b41890 extended useful life  105 c page 9 of 29 please read cautions and warnings and important notes at the end of this document.
1) refer to chapter "general technical information, 5 useful life" on how to interpret useful life. useful life 1) depending on ambient temperature t a under ripple current operating conditions d = 10 mm useful life 1) depending on ambient temperature t a under ripple current operating conditions d 3 12.5 mm b41890 extended useful life  105 c page 10 of 29 please read cautions and warnings and important notes at the end of this document.
frequency factor of permissible ripple current i ac versus frequency f b41890 extended useful life  105 c page 11 of 29 please read cautions and warnings and important notes at the end of this document.
taping, packing and lead configurations taping single-ended capacitors are available taped in ammo pack from diameter 8 to 18 mm as follows: lead spacing f = 3.5 mm ( ? d = 8 mm) lead spacing f = 5.0 mm ( ? d = 8 ? 12.5 mm) lead spacing f = 7.5 mm ( ? d = 16 ... 18 mm). the dimensions for f, p 1 and 1 max. are specified with reference to the center of the terminal wires. lead spacing 3.5 mm ( ? d = 8 mm) last 3 digits of ordering code: 006 dimensions in mm ? d f h w w 0 w 1 w 2 p p 0 p 1 i 1 t d h d 0 8 3.5 18.5 18.0 9.5 9.0 3.0 12.7 12.7 4.6 1.0 0.7 1.0 4.0 toler- ance +0.8  0.2 1.0 0.5 min. 0.5 max. 1.0 0.3 0.6 max. 0.2 max. 0.2 leads can also run straight through the taping area. b41890 extended useful life  105 c page 12 of 29 please read cautions and warnings and important notes at the end of this document.
lead spacing 5.0 mm ( ? d = 8 mm) last 3 digits of ordering code: 008 lead spacing 5.0 mm ( ? d = 10 ... 12.5 mm) last 3 digits of ordering code: 008 dimensions in mm ? d f h w w 0 w 1 w 2 h 0 p p 0 p 1 i 1 t d h d 0 8 20.0 9.5 16.0 12.7 12.7 3.85 10 5.0 19.0 18.0 9.5 9.0 1.5  12.7 12.7 3.85 1.0 0.6 1.0 4.0 12.5 19.0 11.5  15.0 15.0 5.0 toler- ance +0.8  0.2 0.75 0.5 min. 0.5 max. 0.5 1.0 0.2 0.5 max. +0.3  0.2 max. 0.2 taping is available up to dimensions d l = 12.5 25 mm. b41890 extended useful life  105 c page 13 of 29 please read cautions and warnings and important notes at the end of this document.
lead spacing 7.5 mm ( ? d = 16 ...18 mm) last 3 digits of ordering code: 009 dimensions in mm ? d f h w w 0 w 1 w 2 p p 0 p 1 i 1 t d p d h d 0 16 7.5 18.5 18.0 12.5 9.0 1.5 30.0 15.0 3.75 1.0 0.7 0 0 4.0 18 toler- ance 0.8  0.5 +0.75 0.5 min. 0.5 max. 1.0 0.2 0.5 max. 0.2 1.0 1.0 0.2 taping is available up to dimensions d l = 16 31.5 mm and 18 31.5 mm. b41890 extended useful life  105 c page 14 of 29 please read cautions and warnings and important notes at the end of this document.
cut or kinked leads single-ended capacitors are available with cut or kinked leads. other lead configurations also available upon request. cut leads last 3 digits of ordering code: 002 with stand-off rubber seal case size dimensions (mm) d l (mm) a 0.5 10 12.5 5.0 10 16 5.0 10 20 5.0 12.5 20 5.0 12.5 25 5.0 16 20 7.5 16 25 7.5 16 31.5 7.5 16 35.5 7.5 18 20 7.5 18 25 7.5 18 31.5 7.5 18 35 7.5 18 40 7.5 with flat rubber seal b41890 extended useful life  105 c page 15 of 29 please read cautions and warnings and important notes at the end of this document.
kinked leads last 3 digits of ordering code: 001 with stand-off rubber seal case size dimensions (mm) d l (mm) a 0.5 10 20 5.0 12.5 20 5.0 12.5 25 5.0 16 20 7.5 16 25 7.5 16 31.5 7.5 16 35.5 7.5 18 20 7.5 18 25 7.5 18 31.5 7.5 18 35 7.5 18 40 7.5 with flat rubber seal b41890 extended useful life  105 c page 16 of 29 please read cautions and warnings and important notes at the end of this document.
papr leads (protection against polarity reversal) these lead configurations ensure correct placement of the capacitor on the pcb with regard to polarity. papr leads are available for diameters from 10 mm up to 18 mm (excluding d l = 12.5 30/35/40 mm). there are three configurations available: crimped leads, j leads, bent 90 leads. crimped leads last 3 digits of ordering code: 003 with stand-off rubber seal with flat rubber seal suggestion for pcb hole diameter case size dimensions (mm) d l (mm) b 0.2 c 0.5 d 0.1 e 0.1 a 0.5 ? b 16 20 1.5 3.0 1.3 0.3 7.5 0.8 0.05 16 25 1.5 3.0 1.3 0.3 7.5 0.8 0.05 16 31.5 1.5 3.0 1.3 0.3 7.5 0.8 0.05 16 35.5 1.5 3.0 1.3 0.3 7.5 0.8 0.05 18 20 1.5 3.0 1.3 0.3 7.5 0.8 0.1 18 25 1.5 3.0 1.3 0.3 7.5 0.8 0.1 18 31.5 1.5 3.0 1.3 0.3 7.5 0.8 0.1 18 35 1.5 3.0 1.3 0.3 7.5 0.8 0.1 18 40 1.5 3.0 1.3 0.3 7.5 0.8 0.1 b41890 extended useful life  105 c page 17 of 29 please read cautions and warnings and important notes at the end of this document.
j leads last 3 digits of ordering code: 004 suggestion for pcb hole diameter case size dimensions (mm) d l (mm) c 0.5 e 0.5 j 0.2 a 0.5 ? b 10 12.5 3.2 0.7 1.2 5.0 0.6 0.05 10 16 3.2 0.7 1.2 5.0 0.6 0.05 10 20 3.2 0.7 1.2 5.0 0.6 0.05 12.5 20 3.2 0.7 1.2 5.0 0.6 0.05 12.5 25 3.2 0.7 1.2 5.0 0.6 0.05 16 20 3.5 0.7 1.6 7.5 0.8 0.05 16 25 3.5 0.7 1.6 7.5 0.8 0.05 16 31.5 3.5 0.7 1.6 7.5 0.8 0.05 16 35.5 3.5 0.7 1.6 7.5 0.8 0.05 18 20 3.5 0.7 1.6 7.5 0.8 0.1 18 25 3.5 0.7 1.6 7.5 0.8 0.1 18 31.5 3.5 0.7 1.6 7.5 0.8 0.1 18 35 3.5 0.7 1.6 7.5 0.8 0.1 b41890 extended useful life  105 c page 18 of 29 please read cautions and warnings and important notes at the end of this document.
bent 90 leads for horizontal mounting pinning last 3 digits of ordering code: 012 case size dimensions (mm) d l (mm) c 0.5 e 0.5 f 0.5 a 0.5 ? b 16 20 4.0 4.0 12.0 7.5 0.8 0.05 16 25 4.0 4.0 12.0 7.5 0.8 0.05 16 31.5 4.0 4.0 12.0 7.5 0.8 0.05 16 35.5 4.0 4.0 12.0 7.5 0.8 0.05 18 20 4.0 4.0 13.0 7.5 0.8 0.1 18 25 4.0 4.0 13.0 7.5 0.8 0.1 18 31.5 4.0 4.0 13.0 7.5 0.8 0.1 18 35 4.0 4.0 13.0 7.5 0.8 0.1 18 40 4.0 4.0 13.0 7.5 0.8 0.1 bent leads for diameter 12.5 mm available upon request. b41890 extended useful life  105 c page 19 of 29 please read cautions and warnings and important notes at the end of this document.
packing units and box dimensions ammo pack case size d l dimensions (mm) packing units mm a max b max c max pcs. 8 11.5 345 60 240 1000 10 12.5 345 60 280 750 10 16 345 65 200 500 10 20 345 65 200 500 12.5 20 345 65 260 500 12.5 25 345 65 260 500 16 20 320 65 285 300 16 25 320 65 285 300 16 31.5 320 75 275 300 18 20 320 65 285 250 18 25 320 65 285 250 18 31.5 320 75 275 250 b41890 extended useful life  105 c page 20 of 29 please read cautions and warnings and important notes at the end of this document.
1) available upon request overview of packing units and code numbers for case sizes 8 11.5 ... 16 35.5 papr case size d l stan- dard, bulk taped, ammo pack kinked leads, bulk cut leads, bulk crimped leads, blister j leads, blister bent 90 leads, blister mm pcs. pcs. pcs. pcs. pcs. pcs. pcs. 8 11.5 1000 1000     10 12.5 1000 750  1000  675 10 16 1000 500  1000  675 10 20 500 500 500 500  500 12.5 20 350 500 350 350  300 1) 12.5 25 250 500 500 500  225 1) 12.5 30 200      12.5 35 175      12.5 40 175      16 20 250 300 200 200 200 200 120 16 25 250 300 200 200 200 200 216 16 31.5 200 300 250 250 344 344 180 16 35.5 100  100 100 150 150 150 the last three digits of the complete ordering code state the lead configuration 000 code f (mm) d (mm) 001 002 003 004 012 006 008 009 3.5 5 7.5 8 8...12.5 16...18 b41890 extended useful life  105 c page 21 of 29 please read cautions and warnings and important notes at the end of this document.
overview of packing units and code numbers for case sizes 18 20 ... 18 40 papr case size d l stan- dard, bulk taped, ammo pack kinked leads, bulk cut leads, bulk crimped leads, blister j leads, blister bent 90 leads, blister mm pcs. pcs. pcs. pcs. pcs. pcs. pcs. 18 20 175 250 175 175 200 200 120 18 25 150 250 150 150 200 200 120 18 31.5 100 250 100 100 150 150 120 18 35 100  100 100 150 150 150 18 40 125  100 100 120  72 the last three digits of the complete ordering code state the lead configuration 000 code f (mm) d (mm) 001 002 003 004 012 009 7.5 16...18 b41890 extended useful life  105 c page 22 of 29 please read cautions and warnings and important notes at the end of this document.
cautions and warnings personal safety the electrolytes used by epcos have been optimized both with a view to the intended application and with regard to health and environmental compatibility. they do not contain any solvents that are detrimental to health, e.g. dimethyl formamide (dmf) or dimethyl acetamide (dmac). furthermore, some of the high-voltage electrolytes used by epcos are self-extinguishing. as far as possible, epcos does not use any dangerous chemicals or compounds to produce operating electrolytes. however, in exceptional cases, such materials must be used in order to achieve specific physical and electrical properties because no alternative materials are currently known. however, the amount of dangerous materials used in our products is limited to an absolute minimum. materials and chemicals used in epcos aluminum electrolytic capacitors are continuously adapted in compliance with the epcos corporate environmental policy and the latest eu regulations and guidelines such as rohs, reach/svhc, gadsl, and elv. mds (material data sheets) are available on the epcos website for all types listed in the data book. mds for customer specific capacitors are available upon request. msds (material safety data sheets) are available for all of our electrolytes upon request. nevertheless, the following rules should be observed when handling aluminum electrolytic capacitors: no electrolyte should come into contact with eyes or skin. if electrolyte does come into contact with the skin, wash the affected areas immediately with running water. if the eyes are affected, rinse them for 10 minutes with plenty of water. if symptoms persist, seek medical treatment. avoid inhaling electrolyte vapor or mists. workplaces and other affected areas should be well ventilated. clothing that has been contaminated by electrolyte must be changed and rinsed in water. b41890 extended useful life  105 c page 23 of 29 please read cautions and warnings and important notes at the end of this document.
product safety the table below summarizes the safety instructions that must be observed without fail. a detailed description can be found in the relevant sections of chapter "general technical information". topic safety information reference chapter "general technical information" polarity make sure that polar capacitors are connected with the right polarity. 1 "basic construction of aluminum electrolytic capacitors" reverse voltage voltages of opposite polarity should be prevented by connecting a diode. 3.1.6 "reverse voltage" mounting position of screw- terminal capacitors screw terminal capacitors must not be mounted with terminals facing down unless otherwise specified. 11.1. "mounting positions of capacitors with screw terminals" robustness of terminals the following maximum tightening torques must not be exceeded when connecting screw terminals: m5: 2.5 nm m6: 4.0 nm 11.3 "mounting torques" mounting of single-ended capacitors the internal structure of single-ended capacitors might be damaged if excessive force is applied to the lead wires. avoid any compressive, tensile or flexural stress. do not move the capacitor after soldering to pc board. do not pick up the pc board by the soldered capacitor. do not insert the capacitor on the pc board with a hole space different to the lead space specified. 11.4 "mounting considerations for single-ended capacitors" soldering do not exceed the specified time or temperature limits during soldering. 11.5 "soldering" soldering, cleaning agents do not allow halogenated hydrocarbons to come into contact with aluminum electrolytic capacitors. 11.6 "cleaning agents" upper category temperature do not exceed the upper category temperature. 7.2 "maximum permissible operating temperature" passive flammability avoid external energy, e.g. fire. 8.1 "passive flammability" b41890 extended useful life  105 c page 24 of 29 please read cautions and warnings and important notes at the end of this document.
topic safety information reference chapter "general technical information" active flammability avoid overload of the capacitors. 8.2 "active flammability" maintenance make periodic inspections of the capacitors. before the inspection, make sure that the power supply is turned off and carefully discharge the electricity of the capacitors. do not apply excessive mechanical stress to the capacitor terminals when mounting. 10 "maintenance" storage do not store capacitors at high temperatures or high humidity. capacitors should be stored at +5 to +35 c and a relative humidity of 75%. 7.3 "shelf life and storage conditions" reference chapter "capacitors with screw terminals" breakdown strength of insulating sleeves do not damage the insulating sleeve, especially when ring clips are used for mounting. "screw terminals  accessories" display of ordering codes for epcos products the ordering code for one and the same product can be represented differently in data sheets, data books, other publications and the website of epcos, or in order-related documents such as shipping notes, order confirmations and product labels. the varying representations of the ordering codes are due to different processes employed and do not affect the specifications of the respective products. detailed information can be found on the internet under www.epcos.com/orderingcodes. b41890 extended useful life  105 c page 25 of 29 please read cautions and warnings and important notes at the end of this document.
symbols and terms symbol english german c capacitance kapazit?t c r rated capacitance nennkapazit?t c s series capacitance serienkapazit?t c s,t series capacitance at temperature t serienkapazit?t bei temperatur t c f capacitance at frequency f kapazit?t bei frequenz f d case diameter, nominal dimension geh?usedurchmesser, nennma? d max maximum case diameter maximaler geh?usedurchmesser esl self-inductance eigeninduktivit?t esr equivalent series resistance ersatzserienwiderstand esr f equivalent series resistance at frequency f ersatzserienwiderstand bei frequenz f esr t equivalent series resistance at temperature t ersatzserienwiderstand bei temperatur t f frequency frequenz i current strom i ac alternating current (ripple current) wechselstrom i ac,rms root-mean-square value of alternating current wechselstrom, effektivwert i ac,f ripple current at frequency f wechselstrom bei frequenz f i ac,max maximum permissible ripple current maximal zul?ssiger wechselstrom i ac,r rated ripple current nennwechselstrom i leak leakage current reststrom i leak,op operating leakage current betriebsreststrom l case length, nominal dimension geh?usel?nge, nennma? l max maximum case length (without terminals and mounting stud) maximale geh?usel?nge (ohne anschlsse und gewindebolzen) r resistance widerstand r ins insulation resistance isolationswiderstand r symm balancing resistance symmetrierwiderstand t temperature temperatur d t temperature difference temperaturdifferenz t a ambient temperature umgebungstemperatur t c case temperature geh?usetemperatur t b capacitor base temperature temperatur des geh?usebodens t time zeit d t period zeitraum t b service life (operating hours) brauchbarkeitsdauer (betriebszeit) b41890 extended useful life  105 c page 26 of 29 please read cautions and warnings and important notes at the end of this document.
symbol english german v voltage spannung v f forming voltage formierspannung v op operating voltage betriebsspannung v r rated voltage, dc voltage nennspannung, gleichspannung v s surge voltage spitzenspannung x c capacitive reactance kapazitiver blindwiderstand x l inductive reactance induktiver blindwiderstand z impedance scheinwiderstand z t impedance at temperature t scheinwiderstand bei temperatur t tan d dissipation factor verlustfaktor l failure rate ausfallrate e 0 absolute permittivity elektrische feldkonstante e r relative permittivity dielektrizit?tszahl w angular velocity; 2  p  f kreisfrequenz; 2  p  f note all dimensions are given in mm. b41890 extended useful life  105 c page 27 of 29 please read cautions and warnings and important notes at the end of this document.
the following applies to all products named in this publication: 1. some parts of this publication contain statements about the suitability of our products for certain areas of application . these statements are based on our knowledge of typical re- quirements that are often placed on our products in the areas of application concerned. we nevertheless expressly point out that such statements cannot be regarded as binding statements about the suitability of our products for a particular customer application . as a rule, epcos is either unfamiliar with individual customer applications or less familiar with them than the customers themselves. for these reasons, it is always ultimately incum- bent on the customer to check and decide whether an epcos product with the properties de- scribed in the product specification is suitable for use in a particular customer application. 2. we also point out that in individual cases, a malfunction of electronic components or failure before the end of their usual service life cannot be completely ruled out in the current state of the art, even if they are operated as specified . in customer applications requiring a very high level of operational safety and especially in customer applications in which the malfunction or failure of an electronic component could endanger human life or health (e.g. in accident prevention or lifesaving systems), it must therefore be ensured by means of suitable design of the customer application or other action taken by the customer (e.g. installation of protective circuitry or redundancy) that no injury or damage is sustained by third parties in the event of malfunction or failure of an electronic component. 3. the warnings, cautions and product-specific notes must be observed. 4. in order to satisfy certain technical requirements, some of the products described in this publication may contain substances subject to restrictions in certain jurisdictions (e.g. because they are classed as hazardous) . useful information on this will be found in our ma- terial data sheets on the internet (www.epcos.com/material). should you have any more de- tailed questions, please contact our sales offices. 5. we constantly strive to improve our products. consequently, the products described in this publication may change from time to time . the same is true of the corresponding product specifications. please check therefore to what extent product descriptions and specifications contained in this publication are still applicable before or when you place an order. we also reserve the right to discontinue production and delivery of products . consequently, we cannot guarantee that all products named in this publication will always be available. the aforementioned does not apply in the case of individual agreements deviating from the fore- going for customer-specific products. 6. unless otherwise agreed in individual contracts, all orders are subject to the current ver- sion of the "general terms of delivery for products and services in the electrical in- dustry" published by the german electrical and electronics industry association (zvei) . important notes page 28 of 29
7. the trade names epcos, alu-x, ceradiode, ceralink, cerapad, ceraplas, csmp, cssp, ctvs, deltacap, digisimic, dssp, exocore, filtercap, formfit, leaxield, miniblue, minicell, mkd, mkk, motorcap, pcc, phasecap, phasecube, phasemod, phicap, pqsine, siferrit, sifi, sikorel, silvercap, simdad, simic, simid, sineformer, siov, sip5d, sip5k, tfap, thermofuse, windcap are trademarks registered or pending in europe and in other countries. further information will be found on the internet at www.epcos.com/trademarks. important notes page 29 of 29


▲Up To Search▲   

 
Price & Availability of B41890A7108M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X